Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download MBR20150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR20150CT
20 Amp High Voltage
Power Schottky
High Junction Temperature Capability Good Trade Off Between Leakage Current And Forward Volage Drop Low Leakage Current
Barrier Rectifier 150Volts TO-220AB
B C K E
PIN 1 3
* * * *
Maximum Ratings
Operating J unction Temperature : 150C Storage Temperature: - 5 0C to +150C Per d iode Thermal Resistance 2.2C/W Junction to Case Total Thermal Resistance 1.3C/W Junction to Case MCC Catalog Number MBR 20150 CT Maximum Recurrent Peak Reverse Voltage 150 V Maximum RMS Voltage 105V Maximum DC Blocking Voltage 150 V
L M D A
F G I J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR20150CT IF(AV) IFSM 20 A 180A TC = 155 C 8.3ms, half sine wave
HH PIN 1 PIN 3 PIN 2 CASE
A B C D E F G H I J K L M N INCHES .600 .620 .393 .409 .104 .116 .244 .259 .356 .361 .137 .154 .511 .551 .094 .106 .024 .034 .019 .027 .147 .151 .173 .181 .048 .051 0.102t y p. MM 15.25 15.75 10.00 10.40 2.65 2.95 6.20 6.60 9.05 9.15 3.50 3.93 13.00 14.00 2.40 2.70 0.61 0.88 0.49 0.70 3.75 3.85 4.40 4.60 1.23 1.32 2.6t yp .
VF VF
.92V .75V
IFM = 10A TJ = 25C I FM = 10A TJ = 125C
Maximum Reverse Current At Rated DC Blocking Voltage
IR
25 A 5m A
TJ = 25C TJ = 125C
* Pulse Test: Pulse Width380sec, Duty Cycle 2%
www.mccsemi.com
MBR20150CT
Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W) 10 9 8 7 6 5 4 3 2 1 0
= 0.05 = 0.1 = 0.2 = 0.5
MCC
Fig. 2: Average forward current versus ambient temperature ( = 0.5, per diode).
IF(av)(A) 12 10
=1
Rth(j-a)=Rth(j-c)
8 6
Rth(j-a)=15C/W
T
4 2
=tp/T
T
IF(av) (A) 0 1 2 3 4 5 6 7 8 9
=tp/T
tp
tp
Tamb(C) 50 75 100 125 150 175
10 11 12
0
0
25
Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values, per diode).
IM(A) 150 125 100
Tc=50C
Fig. 4: Relative variation of thermal impedance junction to case versus pulse duration (per diode).
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6 0.4 0.2
= 0.5
75
Tc=75C
50 25
IM t
= 0.2 = 0.1
Tc=125C
T
0 1E-3
=0.5
t(s) 1E-2 1E-1 1E+0
Single pulse
tp(s) 1E-2 1E-1
0.0 1E-3
=tp/T
tp
1E+0
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values, per diode).
Fig. 6: Junction capacitance versus reverse voltage applied (typical values, per diode).
IR(A) 1E+5
Tj=175C
C(pF) 1000
Tj=150C
F=1MHz Tj=25C
1E+4 1E+3 1E+2
Tj=100C Tj=125C
100
1E+1 1E+0 1E-1 0 25 50
Tj=25C
VR(V) 75 100 125 150
VR(V) 10 1 2 5 10 20 50 100 200
www.mccsemi.com
MCC
Fig. 7: Forward voltage drop versus forward current (maximum values, per diode). Fig. 8: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board, copper thickness: 35m) (STPS20150CG only).
Rth(j-a) (C/W) 80
Tj=125C Typical values
IFM(A) 100.0
70 60 50
Tj=25C
10.0
Tj=125C
40
1.0 VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
30 20 10 0 0 2 4 6 8 S(cm) 10 12 14 16 18 20
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR20150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X